Part Number Hot Search : 
MPSH10 256486 MPSH10 CLM4322M 11390002 7912A PE4511 TC1219
Product Description
Full Text Search
 

To Download FDD6670AL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FDD6670AL
May 2004
FDD6670AL
30V N-Channel PowerTrench MOSFET
General Description
This N-Channel MOSFET has been designed specifically to improve the overall efficiency of DC/DC converters using either synchronous or conventional switching PWM controllers. It has been optimized for low gate charge, low RDS( ON) and fast switching speed.
Features
* 84 A, 30 V. RDS(ON) = 5 m @ VGS = 10 V RDS(ON) = 6 m @ VGS = 4.5 V * Low gate charge * Fast switching * High performance trench technology for extremely low RDS(ON)
Applications
* DC/DC converter * Motor Drives
D
G S
D
I-PAK (TO-251AA) GDS
G
D-PAK TO-252 (TO-252)
S
TA=25oC unless otherwise noted
Absolute Maximum Ratings
Symbo l
VDSS VGSS ID PD
Parameter
Drain-Source Voltage Gate-Source Voltage Drain Current - Continuous - Pulsed Power Dissipation for Single Operation
(Note 3) (Note 1a) (Note 1) (Note 1a) (Note 1b)
Ratings
30 20 84 100 83 3.8 1.6 -55 to +175
Units
V A W
TJ, TSTG
Operating and Storage Junction Temperature Range
C
Thermal Characteristics
RJC RJA Thermal Resistance, Junction-to-Case Thermal Resistance, Junction-to-Ambient
(Note 1) (Note 1a) (Note 1b)
1.8 40 96
C/W
Package Marking and Ordering Information
Device Marking FDD6670AL Device FDD6670AL Package D-PAK (TO-252) Reel Size 13'' Tape width 12mm Quantity 2500 units
2004 Fairchild Semiconductor Corporation
FDD6670AL Rev C (W)
FDD6670AL
Electrical Characteristics
Symbol
WDSS IAR
TA = 25C unless otherwise noted
Parameter
Drain-Source Avalanche Energy Drain-Source Avalanche Current Drain-Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate-Body Leakage
(Note 2)
Test Conditions
Single Pulse, VDD = 15 V, ID = 21A
Min Typ Max Units
370 21 mJ A V 24 10 100 1 1.8 -5 4 5 6 50 88 3 mV/C A nA
Drain-Source Avalanche Ratings (Note 2)
Off Characteristics
BVDSS BVDSS TJ IDSS IGSS VGS(th) VGS(th) TJ RDS(on) VGS = 0 V, ID = 250 A 30 ID = 250 A, Referenced to 25C VDS = 24 V, VGS = 20 V, VGS = 0 V VDS = 0 V
On Characteristics
Gate Threshold Voltage Gate Threshold Voltage Temperature Coefficient Static Drain-Source On-Resistance On-State Drain Current Forward Transconductance
VDS = VGS, ID = 250 A ID = 250 A, Referenced to 25C VGS = 10 V, ID = 18 A ID = 16.5 A VGS = 4.5 V, VGS = 10 V, ID = 18 A, TJ=125C VGS = 10 V, VDS = 5 V, VDS = 15 V, f = 1.0 MHz VDS = 5 V ID = 18 A V GS = 0 V,
V mV/C
5 6 10
m
ID(on) gFS Ciss Coss Crss RG td(on) tr td(off) tf Qg Qgs Qgd
A S
Dynamic Characteristics
Input Capacitance Output Capacitance Reverse Transfer Capacitance Gate Resistance
(Note 2)
3845 930 368
pF pF pF 27 23 99 58 56 ns ns ns ns nC nC nC
VGS = 15 mV, VDD = 15 V, VGS = 10 V,
f = 1.0 MHz ID = 1 A, RGEN = 6
1.2
Switching Characteristics
Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge
15 13 62 36
VDS = 15V, VGS = 5 V
ID = 18 A,
37 10 14
FDD6670AL Rev C (W)
FDD6670AL
Electrical Characteristics (continued)
Symbol
VSD trr Qrr
TA = 25C unless otherwise noted
Parameter
Drain-Source Diode Forward Voltage Diode Reverse Recovery Time Diode Reverse Recovery Charge
Test Conditions
VGS = 0 V, IS = 3.2 A
(Note 2)
Min Typ Max Units
0.7 39 31 1.2 V nS nC
Drain-Source Diode Characteristics and Maximum Ratings
IF = 18 A ,diF/dt = 100 A/s
Notes:8 1. RJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RJC is guaranteed by design while RCA is determined by the user's board design.
a) RJA = 40C/W when mounted on a 1in2 pad of 2 oz copper
b) RJA = 96C/W when mounted on a minimum pad.
Scale 1 : 1 on letter size paper 2. Pulse Test: Pulse Width < 300s, Duty Cycle < 2.0% 3. Maximum current is calculated as:
PD R DS(ON)
where PD is maximum power dissipation at TC = 25C and RDS(on) is at TJ(max) and VGS = 10V. Package current limitation is 21A
FDD6670AL Rev C (W)
FDD6670AL
Typical Characteristics
100
RDS(ON), NORMALIZED DRAIN-SOURCE ON-RESISTANCE
VGS = 10V 4.5V
1.8 4.0V 3.5V VGS = 3.5V
ID, DRAIN CURRENT (A)
80
1.6
60
1.4 4.0V 1.2 4.5V 5.0V 6.0V 1 10V
40
3.0V
20
0 0 0.5 1 1.5 2 2.5 VDS, DRAIN-SOURCE VOLTAGE (V)
0.8 0 20 40 60 80 100 ID, DRAIN CURRENT (A)
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with Drain Current and Gate Voltage.
0.012 RDS(ON), ON-RESISTANCE (OHM)
1.8 RDS(ON), NORMALIZED DRAIN-SOURCE ON-RESISTANCE 1.6 1.4 1.2 1 0.8 0.6 -50 -25 0 25 50 75 100
o
ID =18A VGS = 10V
ID = 9 A
0.01
0.008
TA = 125oC
0.006
TA = 25oC
0.004
0.002
125
150
175
2
4
6
8
10
TJ, JUNCTION TEMPERATURE ( C)
VGS, GATE TO SOURCE VOLTAGE (V)
Figure 3. On-Resistance Variation with Temperature.
80
Figure 4. On-Resistance Variation with Gate-to-Source Voltage.
100 IS, REVERSE DRAIN CURRENT (A)
VGS = 0V
VDS = 5V
ID, DRAIN CURRENT (A) 60
10 1
TA = 125oC
25oC
40
0.1 0.01 0.001 0.0001
-55oC
TA = 125oC
20
25oC -55oC
0 1.5 2 2.5 3 3.5 VGS, GATE TO SOURCE VOLTAGE (V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
VSD, BODY DIODE FORWARD VOLTAGE (V)
Figure 5. Transfer Characteristics
Figure 6. Body Diode Forward Voltage Variation with Source Current and Temperature
FDD6670AL Rev C (W)
FDD6670AL
Typical Characteristics
10 VGS, GATE-SOURCE VOLTAGE (V)
ID =18A
8
VDS = 10V 20V
15V
5000 f = 1MHz VGS = 0 V 4000 CAPACITANCE (pF) CISS 3000
6
4
2000 COSS 1000 CRSS
2
0 0 20 40 Qg, GATE CHARGE (nC) 60 80
0 0 5 10 15 20 25 30 VDS, DRAIN TO SOURCE VOLTAGE (V)
Figure 7. Gate Charge Characteristics
1000
P(pk), PEAK TRANSIENT POWER (W) 100
Figure 8. Capacitance Characteristics
SINGLE PULSE RJA = 96C/W TC = 25C
ID, DRAIN CURRENT (A)
100
100s RDS(ON) LIMIT 1ms 10ms 100ms 1s 10s VGS = 10V SINGLE PULSE RJA = 96oC/W TC = 25oC DC
80
10
60
1
40
0.1
20
0.01 0.01
0.1
1
10
100
0 0.01
0.1
1
10
100
1000
VDS, DRAIN-SOURCE VOLTAGE (V)
t1, TIME (sec)
Figure 9. Maximum Safe Operating Area
Figure 10. Single Pulse Maximum Power Dissipation
r(t), NORMALIZED EFFECTIVE TRANSIENT THERMAL RESISTANCE
1
D = 0.5 0.2
0.1
0.1 0.05
RJAt) = r(t) * RJA RJA = 96 C/W P(pk) t1
SINGLE PULSE
0.01
0.02 0.01
0.001
t2 TJ - TA = P * RJA(t) Duty Cycle, D = t1 / t2
0.0001 0.0001
0.001
0.01
0.1
t1, TIME (sec)
1
10
100
1000
Figure 11. Transient Thermal Response Curve
Thermal characterization performed using the conditions described in Note 1b. Transient thermal response will change depending on the circuit board design.
FDD6670AL Rev C (W)
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM FAST ActiveArrayTM FASTrTM BottomlessTM FPSTM CoolFETTM FRFETTM CROSSVOLTTM GlobalOptoisolatorTM DOMETM GTOTM EcoSPARKTM HiSeCTM E2CMOSTM I2CTM EnSignaTM i-LoTM FACTTM ImpliedDisconnectTM FACT Quiet SeriesTM
ISOPLANARTM LittleFETTM MICROCOUPLERTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC Across the board. Around the world.TM OPTOPLANARTM PACMANTM The Power Franchise POPTM Programmable Active DroopTM
Power247TM PowerSaverTM PowerTrench QFET QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SerDesTM SILENT SWITCHER SMART STARTTM SPMTM StealthTM
SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogic TINYOPTOTM TruTranslationTM UHCTM UltraFET VCXTM
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component is any component of a life 1. Life support devices or systems are devices or support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. I11


▲Up To Search▲   

 
Price & Availability of FDD6670AL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X